PART |
Description |
Maker |
CY7C68013A-128AXI CY7C68013A-56LTXCT |
EZ-USB FX2LPUSB Microcontroller 8-BIT, EEPROM, 48 MHz, MICROCONTROLLER, PQFP128 EZ-USB FX2LP(TM) USB Microcontroller High-Speed USB Peripheral Controller; # Endpoints: 7; Core: Enhanced 8051; Data Transfers: Bulk, Interrupt, Isochronous; Development Kit: CY3684
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
T89C51AC2-SLSIM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
ATMEL Corporation
|
AT89C51CC02 AT89C51CC02CA-RATUM AT89C51CC02CA-SISU |
Enhanced 8-bit Microcontroller with CAN Controller and Flash
|
ATMEL[ATMEL Corporation]
|
T89C51AC2-RLTIM T89C51AC2-SLSIM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
Atmel Corp.
|
T89C51CC02CA-RATIM T89C51CC02UA-TISIM T89C51CC02 T |
Enhanced 8-bit Microcontroller with CAN Controller and Flash
|
ATMEL[ATMEL Corporation]
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
PIC16F84A-04I/SO PIC16F84A-04I/SS PIC16F84A-04I/P |
18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller 18引脚增强型闪 EEPROM位微控制
|
Microchip Technology, Inc.
|
SAF-XC164CM-8F20F |
THE XC164CM series is the new family of the enhanced 16-bit microcontroller XC166 which offers impre
|
Infineon Technologies Corporation
|
PIC16HV540 40197A PIC16HV540-20I_SS PIC16HV540-04_ |
From old datasheet system Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator
|
MICROCHIP[Microchip Technology]
|
EP731105 EP7311-CB-90 EP7311-CR-90 EP7311-IB-90 EP |
High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface Embedded Processors IC Ultra Low PWR Hi Perf SOC w/LCD 32-BIT, 90 MHz, RISC MICROCONTROLLER, PBGA256 32-Bit Microcontroller IC; Controller Family/Series:(ARM7); Memory Size, SRAM:48KB; Number of I/O Pins:27; Number of Timers 8/12/16/32 Bits:0 / 0 / 2 / 0; Number of PWM Channels:2; Clock Speed:74MHz; Interfaces:SSI, UART
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
MB89P155PFM-103 MB89P155PFM-102 MB89P155PFM-101 MB |
8-BIT, OTPROM, MICROCONTROLLER, PQFP80 Octal Buffers/Drivers With 3-State Outputs 20-CDIP -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.5F 5.5V SG TYPE GOLD HORZ 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 Quadruple 2-Input Exclusive-OR Gates 20-LCCC -55 to 125 8-BIT, MROM, 4.2 MHz, MICROCONTROLLER, PQFP80 8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PQFP80 CAP 1.0F 5.5V SG TYPE GOLD HORIZ
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|